Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 96Page - Renesas Technology Corp UPD17062 Datasheet HTML 97Page - Renesas Technology Corp UPD17062 Datasheet HTML 98Page - Renesas Technology Corp UPD17062 Datasheet HTML 99Page - Renesas Technology Corp UPD17062 Datasheet HTML 100Page - Renesas Technology Corp UPD17062 Datasheet HTML 101Page - Renesas Technology Corp UPD17062 Datasheet HTML 102Page - Renesas Technology Corp UPD17062 Datasheet HTML 103Page - Renesas Technology Corp UPD17062 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 298 page
background image
98
µPD17062
10.5.2
A/D Converter Data Register
Fig. 10-5 shows the functions of the A/D converter data register.
The A/D converter data register sets the A/D converter comparison voltage.
Because the A/D converter is a 4-bit converter, the four low-order bits of the A/D converter data register
are valid.
Fig. 10-5
A/D Converter Data Register Functions
DBF3
0CH
DBF2
0DH
DBF1
0EH
DBF0
0FH
b15 b14 b13 b12
b11 b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
0
ADCR
02H
A/D converter comparison voltage VREF setting
00
0
0
1
x
15
8
VREF = 0 V
Fixed at 0
VREF =VDD (V)
x - 0.5
15
×
A/D converter
Symbol
Peripheral
address
Peripheral hardware
Name
Peripheral register
Name
Data buffer
Symbol
Address
Bit
Data
Don't care
Don't care
Transfer data
GET
PUT
A/D converter
data register
Valid data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com