Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 53Page - Renesas Technology Corp UPD17062 Datasheet HTML 54Page - Renesas Technology Corp UPD17062 Datasheet HTML 55Page - Renesas Technology Corp UPD17062 Datasheet HTML 56Page - Renesas Technology Corp UPD17062 Datasheet HTML 57Page - Renesas Technology Corp UPD17062 Datasheet HTML 58Page - Renesas Technology Corp UPD17062 Datasheet HTML 59Page - Renesas Technology Corp UPD17062 Datasheet HTML 60Page - Renesas Technology Corp UPD17062 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 298 page
background image
55
µPD17062
b3
0
b2
0
b1
0
b0
0
b3
0
b2
0
b1
0
b0
0
b3
b2
b1
b0
b3
b2
b1
b0
AR15 (MSB)
AR0 (LSB)
AR0
(77H)
AR1
(76H)
AR2
(75H)
AR3
(74H)
8.1
ADDRESS REGISTER (AR)
The address register specifies a program memory address. It is located at addresses 74H-77H. The
instructions used to manipulate the address register are indirect branch instructions (BR @AR, CALL @AR),
the table reference instruction (MOVT), and stack manipulation instructions (PUSH, POP).
An indirect branch is a branch to the program memory address specified by the contents of the address
register. Indirect branch instructions include BR @AR and CALL @AR.
Table reference is the transfer of the contents of the program memory address specified by the address
register to the DBF of data memory (BANK0 0DH-0FH). This is done by executing a MOVT instruction.
Stacks are manipulated using the PUSH and POP instructions. The PUSH instruction stores the contents
of the address register in the stack specified by the current stack pointer, and decrements the contents of the
stack pointer by 1. The POP instruction increments the contents of the stack pointer by 1, and loads the contents
of the stack specified by the current stack pointer into the address register.
AR3 and AR2 of
µPD17062 are fixed at 0. Hence, the program address that can be specified by the address
register is the 256 steps of 0000H-00FFH.
Fig. 8-2
Configuration of Address Register
8.2
WINDOW REGISTER (WR)
The window register is a 4-bit register, mapped to address 78H of the system register. It is used for data
transfer together with the register file (RF), described later in this manual. All data in each register of the
register file is manipulated via the window register.
Data transfer between the window register and the register file is achieved by execution of the exclusive
PEEK WR, rf and POKE rf, WR instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com