Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 64Page - Renesas Technology Corp UPD17062 Datasheet HTML 65Page - Renesas Technology Corp UPD17062 Datasheet HTML 66Page - Renesas Technology Corp UPD17062 Datasheet HTML 67Page - Renesas Technology Corp UPD17062 Datasheet HTML 68Page - Renesas Technology Corp UPD17062 Datasheet HTML 69Page - Renesas Technology Corp UPD17062 Datasheet HTML 70Page - Renesas Technology Corp UPD17062 Datasheet HTML 71Page - Renesas Technology Corp UPD17062 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 298 page
background image
66
µPD17062
8.6
GENERAL-PURPOSE REGISTER POINTER (RP)
The general-purpose register pointer points to the bank and row address of the general-purpose register.
However, since RPH of the
µPD17062 is fixed at 0, only RPL (3 bits) can be specified. This means that 0
to 7 can be specified as a register pointer. Hence, in the
µPD17062, the row address of the general-purpose
register can be specified anywhere within BANK0.
8.7
PROGRAM STATUS WORD (PSWORD)
The program status word consists of a flag that indicates the result of operation by the ALU in the CPU and
a 5-bit flag that modifies the ALU function. PSWORD has a binary coded decimal (BCD) flag, compare (CMP)
flag, carry (CY) flag, zero (Z) flag, and index enable (IXE) flag. Fig. 8-6 shows the functions of these flags.
Fig. 8-6
Configuration of PSWORD
b0
b3
b2
b1
b0
BCD
CMP
CY
Z
IXE
When the arithmetic operation result is other than 0, this flag
is reset. The set condition differs according to the contents of
the CMP flag.
7EH
7FH
Index
enable
flag
When this flag is set, index modification is enabled.
Zero flag
(1) When CMP = 0
The flag is set when the arithmetic operation result is 0.
(2) When CMP = 1
The flag is set when the result of the arithmetic operation
executed at Z = 1 is 0.
Carry flag
The carry flag is set when a carry occurs during the execution
of an addition instruction or when a borrow occurs during the
execution of a subtraction instruction. This flag is reset when
neither carry nor borrow occurs.
This flag is set when the least significant bit of the general-
purpose register is 1, in which the RORC instruction is executed.
The flag is reset when the bit is 0.
Compare
flag
When this flag is set, the arithmetic operation result is not
stored into data memory.
The CMP flag is reset automatically when the SKT or SKF
instruction is executed.
BCD flag
When this flag is set, all arithmetic operations are executed in
decimal. When this flag is not set, all arithmetic operations are
executed in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com