Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 10Page - Renesas Technology Corp UPD17062 Datasheet HTML 11Page - Renesas Technology Corp UPD17062 Datasheet HTML 12Page - Renesas Technology Corp UPD17062 Datasheet HTML 13Page - Renesas Technology Corp UPD17062 Datasheet HTML 14Page - Renesas Technology Corp UPD17062 Datasheet HTML 15Page - Renesas Technology Corp UPD17062 Datasheet HTML 16Page - Renesas Technology Corp UPD17062 Datasheet HTML 17Page - Renesas Technology Corp UPD17062 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 298 page
background image
12
µPD17062
Pin No.
DIP QFP
(GC)
Symbol
Description
Output type
At power-on reset
P1A3
|
P1A0
P1B3
|
P1B0
RED
GREEN
BLUE
BLANK
HSYNC
VSYNC
P1C3/ADC1
P1C2
P1C1
ADC0
P0B3/HSCNT
P0B2/TMIN
P0B1
P0B0/SI
P0A3/SO
P0A2/SCK
P0A1/SCL
P0A0/SDA
21
|
24
26
|
29
30
31
32
33
34
35
36
|
38
39
40
|
43
44
|
47
20
|
24
27
|
30
31
32
33
34
35
36
38
|
45
46
47
|
50
51
|
54
4-bit output port. This N-ch open-drain output
port has an intermediate withstand voltage.
4-bit I/O port. Each bit can be set for input or
output.
Outputs the character data corresponding to R, G,
and B of the IDC display. The output is active-
high.
Outputs the blanking signal for cutting the
video signal of the IDC display. The output is
active-high.
Inputs the horizontal synchronizing signal of the
IDC display. The input must be active-low.
Inputs the vertical synchronizing signal of the IDC
display. The input must be active-low. The input
signal can generate an interrupt.
Input of port 1C and A/D converter
• P1C3 to P1C1
3-bit I/O port
• ADC1
Input of a 4-bit A/D converter
Input of a 4-bit A/D converter
Serial interface and input for port 0B, port 0A,
horizontal synchronizing signal counter, and
timer
• P0A3 to P0A0
4-bit I/O port. Each bit can be set for input or
output.
• P0B3 to P0B0
4-bit I/O port. Each bit can be set for input or
output.
• HSCNT
Inputs the count of the horizontal
synchronizing signal. The input is self-
biased.
• TMIN
Timer input. The pin inputs the commercial
power to be used for the clock.
• SI, SO, SCK
Input/output for the three-wire serial interface
• SI: Serial data input
• SO: Serial data output
• SCK: Shift clock input/output
• SDA, SCL
Input/output for the two-wire serial interface
• SCL: Serial clock input/output
• SDA: Serial data input/output
N-ch open-drain
CMOS push-pull
CMOS push-pull
CMOS push-pull
—
—
CMOS push-pull
—
N-ch open-drain
(P0A1, P0A0)
CMOS push-pull
(Other than P0A1
or P0A0)
Undefined
Input
Low level
Low level
Input
Input
Input
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com