Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 78Page - Renesas Technology Corp UPD17062 Datasheet HTML 79Page - Renesas Technology Corp UPD17062 Datasheet HTML 80Page - Renesas Technology Corp UPD17062 Datasheet HTML 81Page - Renesas Technology Corp UPD17062 Datasheet HTML 82Page - Renesas Technology Corp UPD17062 Datasheet HTML 83Page - Renesas Technology Corp UPD17062 Datasheet HTML 84Page - Renesas Technology Corp UPD17062 Datasheet HTML 85Page - Renesas Technology Corp UPD17062 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 298 page
background image
80
µPD17062
9.11
TIMER CARRY (17H)
9.12
SERIAL INTERFACE WAIT CONTROL (18H)
9.13
IEGNC (1FH)
The IEGNC flag is used for selecting the interrupt detection edge of the INTNC pin and VSYNC pin.
When the flag is set to 0, an interrupt occurs at a rising edge. When the flag is set to 1, an interrupt occurs
at a falling edge.
b3
b2
b1
b0
17H
Exclusive flag for reading timer carry
00
0
BTM0CY
This flag is set according to the selected time base,
and reset when the timer carry is read.
b3
b2
b1
b0
18H
Setting of wait timing
0
1
SBACK
SIO0NWT
SIO0WRQ1 SIO0WRQ0
00
01
10
11
2-wire bus mode
Serial I/O mode
Does not wait
Does not wait
Waits when the clock falls with the contents
of the clock counter being 8
Waits when the clock falls with the contents
of the clock counter being 9
Waits when the clock falls with the contents
of the clock counter being 8 after detection
of the start condition
Waits when the contents of the
clock counter become 9
Waits when the contents of the
clock counter become 9
Not to be set
Wait setting
Acknowledgement at 2-wire bus mode
Forced wait
Wait released
b3
b2
b1
b0
0
IEGVSYN
IEGNC
1FH
0
0
1
0
1
Interrupt occurs at the rising edge of the VSYNC pin
Interrupt occurs at the falling edge of the VSYNC pin
Interrupt occurs at the rising edge of the INTNC pin
Interrupt occurs at the falling edge of the INTNC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com