Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 32Page - Renesas Technology Corp UPD17062 Datasheet HTML 33Page - Renesas Technology Corp UPD17062 Datasheet HTML 34Page - Renesas Technology Corp UPD17062 Datasheet HTML 35Page - Renesas Technology Corp UPD17062 Datasheet HTML 36Page - Renesas Technology Corp UPD17062 Datasheet HTML 37Page - Renesas Technology Corp UPD17062 Datasheet HTML 38Page - Renesas Technology Corp UPD17062 Datasheet HTML 39Page - Renesas Technology Corp UPD17062 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 298 page
background image
34
µPD17062
5.2
FUNCTIONS OF DATA MEMORY
Data memory can be used to perform, with one instruction, a four-bit operation, comparison, decision, or
transfer of the data in data memory and immediate data (arbitrary data) by executing one of the data memory
manipulation instructions listed in Table 5-1.
If the general-purpose register is used, a four-bit operation, comparison, or transfer between data memory
and the general-purpose register can be performed by a single instruction.
Examples are given below. See Chapters 6 and 7 for details.
Example 1.
Operation on data in data memory
;
#
MOV 35H, #0001B ; Transfer (write) immediate data 0001B to data
; memory address 35H in the currently selected bank.
;
$
ADD 76H, #0001B
; Add immediate data 0001B to the contents of
; data memory address 76H in the currently selected ;bank.
In instructions
# and $, the currently selected bank is specified in the bank register of the
system register. For an explanation of the bank register, see Chapter 8.
In
$, the instruction is for addition to the contents of data memory address 76H. Address
76H is part of the system register. Because the system register always exists regardless of
the bank, the ADD instruction eventually adds 0001B to the contents of address 76H of the
system register, regardless of the bank.
Remark
For explanation of how to code instructions, see Section 5.3.1.
Example 2.
Operation between data memory and the general-purpose register
Assume that the general-purpose register is allocated to row address 1H of BANK0.
;
#
ADD 7H, 36H
; Add the contents of data memory address 36H in the
; currently selected bank to the contents of the
; general-purpose register location having column address
; 7H, or address 17H of BANK0.
;
$
LD
7H, 36H
; Transfer the contents of data memory address 36H to
; the general-purpose register location having column
; address 7H.
; In this instruction, the general-purpose register
; location is address 17H of BANK0.
The system register, data buffer, general-purpose register, and port registers can be manipulated in the
same way as data memory by using the data memory manipulation instructions.
Sections 5.2.1 to 5.2.4 describe the functions of these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com