Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 88Page - Renesas Technology Corp UPD17062 Datasheet HTML 89Page - Renesas Technology Corp UPD17062 Datasheet HTML 90Page - Renesas Technology Corp UPD17062 Datasheet HTML 91Page - Renesas Technology Corp UPD17062 Datasheet HTML 92Page - Renesas Technology Corp UPD17062 Datasheet HTML 93Page - Renesas Technology Corp UPD17062 Datasheet HTML 94Page - Renesas Technology Corp UPD17062 Datasheet HTML 95Page - Renesas Technology Corp UPD17062 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 298 page
background image
90
µPD17062
10.2
FUNCTIONS OF DATA BUFFER
The data buffer provides the following two functions:
(1) Read constant data in program memory (to reference tables)
(2) Transfer data to and from peripheral hardware
Fig. 10-3 shows the relationship between the data buffer, peripheral hardware, and memory.
Table referencing is described in Section 10.3, and the peripheral hardware is described in Sections 10.4
to 10.6.
Fig. 10-3
Relationship Between Data Buffer, Peripheral Hardware, and Memory
01H
02H
03H
04H
05H-08H
40H
41H
Peripheral address
Data buffer
Internal
Table referencing
Peripheral hardware
Image display controller (IDC)
A/D converter
Serial interface
Horizontal synchronizing signal
counter
6-bit D/A converter
Address register (AR)
PLL frequency synthesizer
Program memory
(ROM)
Constant data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com