Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 77Page - Renesas Technology Corp UPD17062 Datasheet HTML 78Page - Renesas Technology Corp UPD17062 Datasheet HTML 79Page - Renesas Technology Corp UPD17062 Datasheet HTML 80Page - Renesas Technology Corp UPD17062 Datasheet HTML 81Page - Renesas Technology Corp UPD17062 Datasheet HTML 82Page - Renesas Technology Corp UPD17062 Datasheet HTML 83Page - Renesas Technology Corp UPD17062 Datasheet HTML 84Page - Renesas Technology Corp UPD17062 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 298 page
background image
79
µPD17062
9.9
PLL REFERENCE MODE SELECTION REGISTER (13H)
9.10
SETTING OF INTNC PIN ACCEPTANCE PULSE WIDTH (15H)
b3
b2
b1
b0
PLLRFCK3
PLLRFCK2
PLLRFCK0
13H
PLLRFCK1
00
1
0
00
1
1
01
1
0
11
1
1
01
1
1
10
1
0
10
1
1
11
1
0
6.25 kHz
12.5 kHz
25 kHz
PLL disabled
Not to be set
Reference frequency fr setting
Fixed at 1
b3
b2
b1
b0
INTNCMD3
INTNCMD2
INTNCMD0
15H
INTNCMD1
00
0
00
1
01
0
01
1
10
0
Edge (no noise canceler)
200
s
2 ms
Setting of INTNC pin acceptance pulse width
Fixed at 0
4 ms
400 s
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com