Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD17062 Datasheet HTML 1Page - Renesas Technology Corp UPD17062 Datasheet HTML 2Page - Renesas Technology Corp UPD17062 Datasheet HTML 3Page - Renesas Technology Corp UPD17062 Datasheet HTML 4Page - Renesas Technology Corp UPD17062 Datasheet HTML 5Page - Renesas Technology Corp UPD17062 Datasheet HTML 6Page - Renesas Technology Corp UPD17062 Datasheet HTML 7Page - Renesas Technology Corp UPD17062 Datasheet HTML 8Page - Renesas Technology Corp UPD17062 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 298 page
background image
The information in this document is subject to change without notice.
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD17062
Document No. IC-3560
(O.D. No. IC-8937)
Date Published January 1995 P
Printed in Japan
The
µPD17062 is a 4-bit CMOS microcontroller for digital tuning systems. The single-chip device
incorporates an image display controller enabling a range of different displays, together with a PLL frequency
synthesizer.
The CPU has six main functions: 4-bit parallel addition, logic operation, multiple bit test, carry-flag set/
reset, powerful interrupt, and a timer.
The device contains a user-programmable image display controller (IDC) for on-screen displays. The
different displays can be controlled with simple programs.
The device also has a serial interface function, many input/output (I/O) ports controlled by powerful I/O
instructions, and 6-bit pulse width modulation (PWM) output for a 4-bit A/D converter and D/A converter.
FEATURES
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY
SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
• 4-bit microcontroller for digital tuning system
• Internal PLL frequency synthesizer: With prescaler
µPB595
•5 V
±10%
• Low-power CMOS
• Program memory (ROM): 8K bytes (16 bits
× 3968
steps)
• Data memory (RAM): 4 bits
× 336 words
• 6 stack levels
• 35 easy-to-understand instruction sets
• Support of decimal operations
• Instruction execution time: 2
µs (with an 8-MHz
crystal)
• Internal D/A converter: 6 bits
× 4 (PWM output)
• Internal A/D converter: 4 bits
× 6
• Internal horizontal synchronizing signal counter
• Internal commercial power frequency counter
• Internal power-failure detector and power-on reset
circuit
• Internal image display controller (IDC) (user-pro-
grammable)
Number of characters in display: Up to 99 on a
single screen
Display configuration: 14 rows
× 19 columns
Number of character types: 120
Character format: 10
× 15 dots (rimming possible)
Number of colors: 8
Character size: Four sizes in each of the horizontal
and vertical dimensions
Internal 1H circuit for preventing vertical deflection
• Internal 8-bit serial interface (One system with two
channels: three-wire or two-wire)
• Interrupt input for remote-controller signals (with
noise canceler)
• Many I/O ports
Number of I/O ports
: 15
Number of input ports : 4
Number of output ports: 8
©
1995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com