Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 27Page - Renesas Technology Corp UPD17062 Datasheet HTML 28Page - Renesas Technology Corp UPD17062 Datasheet HTML 29Page - Renesas Technology Corp UPD17062 Datasheet HTML 30Page - Renesas Technology Corp UPD17062 Datasheet HTML 31Page - Renesas Technology Corp UPD17062 Datasheet HTML 32Page - Renesas Technology Corp UPD17062 Datasheet HTML 33Page - Renesas Technology Corp UPD17062 Datasheet HTML 34Page - Renesas Technology Corp UPD17062 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 298 page
background image
29
µPD17062
5. DATA MEMORY (RAM)
Data memory is used to store data for operations and control.
Simply by executing an appropriate
instruction, data can be written to and read from data memory at any time.
5.1
STRUCTURE OF DATA MEMORY
Fig. 5-1 shows the structure of data memory.
As shown in Fig. 5-1, data memory is divided into three units called banks. These three banks are called
BANK0, BANK1, and BANK2.
In each bank, data is assigned an address in units of four bits. The high-order three bits are called the row
address, while the low-order four bits are called the column address. For example, the data memory location
having row address 1H and column address AH is referred to as the data memory location having address
1AH. One address consists of four bits of memory. These four bits are called a nibble.
Data memory is divided into the blocks described in Sections 5.1.1 to 5.1.5, according to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com