Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 44Page - Renesas Technology Corp UPD17062 Datasheet HTML 45Page - Renesas Technology Corp UPD17062 Datasheet HTML 46Page - Renesas Technology Corp UPD17062 Datasheet HTML 47Page - Renesas Technology Corp UPD17062 Datasheet HTML 48Page - Renesas Technology Corp UPD17062 Datasheet HTML 49Page - Renesas Technology Corp UPD17062 Datasheet HTML 50Page - Renesas Technology Corp UPD17062 Datasheet HTML 51Page - Renesas Technology Corp UPD17062 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 298 page
background image
46
µPD17062
6.4 NOTES ON USING THE GENERAL-PURPOSE REGISTER
This section provides notes on using the general-purpose register, referring to the following example:
Example
AND
RPL,
#000B
; RP
← 0000010B
OR
RPL,
#0100B
;
MOV BANK, #0000B
; BANK0
LD
04H, 32H
Executing the above instructions loads the contents of address 32H of BANK0 data memory into address
24H in the general-purpose register of BANK0.
In the above example, the general-purpose register is allocated in row address 2H of BANK0, so that the
address of the general-purpose register specified in r in instruction LD r, m is address 24H of BANK0. The
data memory address specified in m is address 32H of BANK0. (See Fig. 6-5.)
Note that it is necessary to code an actual data memory address, for example, 24H, as the value specified
in r when using the assembler. In this case, only the low-order four bits are needed as the value for r, so the
assembler ignores value 2H, which is a row address. Thus, executing instruction LD 24H, 32H produces the
same result as executing the instruction in the above example.
If, when using the assembler, the address of the general-purpose register is specified directly in an operand
of an instruction, as shown below, an error occurs.
Instruction that causes an error
LD
04H,
32H
; The address of the general-purpose register is coded as 04.
Most commonly used method
R1
MEM
0.04H
;
M1
MEM
0.32H
;
# R1 and M1 are defined as memory-type addresses, and are
LD
R1,
M1
;
assigned addresses 04H and 32H of BANK0, respectively.
Executing the following instructions produces the same result as executing the instructions in
# because
R1 and R2 are assigned the same column address.
R2
MEM
0.34H
M1
MEM
0.32H
LD
R2,
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com