Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 68Page - Renesas Technology Corp UPD17062 Datasheet HTML 69Page - Renesas Technology Corp UPD17062 Datasheet HTML 70Page - Renesas Technology Corp UPD17062 Datasheet HTML 71Page - Renesas Technology Corp UPD17062 Datasheet HTML 72Page - Renesas Technology Corp UPD17062 Datasheet HTML 73Page - Renesas Technology Corp UPD17062 Datasheet HTML 74Page - Renesas Technology Corp UPD17062 Datasheet HTML 75Page - Renesas Technology Corp UPD17062 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 298 page
background image
70
µPD17062
Table 9-1
Peripheral Hardware Control Functions of Control Registers (1/5)
Remark *: Retains the previous state.
Control register
Peripheral hardware control function
At reset
Register
Ad-
dress
Read/
write
b3
b2
b1
b0
Symbol
Function outline
Set value
01
77
7
Stack pointer
(SP)
01H
R/W
0
(SP2)
(SP1)
(SP0)
Fixed at 0
Stack pointer
(3 bits are valid.)
BTM0ZX
On/off of zerocross circuit
BTM0CK2
BTM0CK0
0
0
0
BTM0CY
0
INTVSYN
0
INTNC
0
INTNCMD2
INTNCMD1
INTNCMD0
09H
R/W
17H
R
0FH
R
15H
R/W
Timer 0
clock select
register
BTM0CK1
Basic timer 0
carry flip-flop
judge register
Interrupt-level
judge register
INTNC mode
select register
Base clock setting of basic
timer 0 (internal/external)
Fixed at 0
Detects the carry flip-flop state
Fixed at 0
Detects the VSYNC pin state
Fixed at 0
Detects the INTNC pin state
Fixed at 0
Selects the pulse width of
interrupt accept pulse width
of the INTNC pin
No operation
Operation
Pulse for timer carry flop-flop set
0: 10 Hz (100 ms, internal)
1: 200 Hz (5 ms, internal)
2: 10 Hz (100 ms, internal)
3: 200 Hz (5 ms, internal)
4: fTMIN/5 Hz (external)
5: 200 Hz (5 ms, internal)
6: fTMIN/6 Hz (external)
7: 200 Hz (5 ms, internal)
Pulse for timer interrupt
0: 200 Hz (5 ms, internal)
1: 10 Hz (100 ms, internal)
2: 50 Hz (20 ms, internal)
3: 50 Hz (20 ms, internal)
4: 200 Hz (5 ms, internal)
5: fTMIN/5 Hz (external)
6: 200 Hz (5 ms, internal)
7: fTMIN/6 Hz (external)
00*
011
000
000
Reset
Set
Low level
High level
Low level
High level
0: Accepts with edge
1: 200
s 2: 400 s 3: 2 ms
4: 4 ms
µµ
P
o
w
e
r
O
n
S
T
O
P
C
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com