Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 51Page - Renesas Technology Corp UPD17062 Datasheet HTML 52Page - Renesas Technology Corp UPD17062 Datasheet HTML 53Page - Renesas Technology Corp UPD17062 Datasheet HTML 54Page - Renesas Technology Corp UPD17062 Datasheet HTML 55Page - Renesas Technology Corp UPD17062 Datasheet HTML 56Page - Renesas Technology Corp UPD17062 Datasheet HTML 57Page - Renesas Technology Corp UPD17062 Datasheet HTML 58Page - Renesas Technology Corp UPD17062 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 298 page
background image
53
µPD17062
7.4
NOTES ON USING THE ALU
7.4.1
Notes on Using the Program Status Word for Operations
After an arithmetic operation has been performed on the program status word, the operation result is held
in the program status word.
The CY and Z flags of the program status word are usually set or reset according to the result of the
arithmetic operation. If the arithmetic operation is performed on the program status word itself, the result
of the operation is stored and a carry, borrow, or zero cannot be discriminated.
If the CMP flag is set, the result of the arithmetic operation is not stored and the CY and Z flags are set or
reset as usual.
7.4.2
Notes on Performing Decimal Operations
A decimal operation can be carried out only when the operation result is within the following ranges:
(1) The result of addition is between 0 and 19 in decimal.
(2) The result of subtraction is between 0 and 9 or –10 and –1 in decimal.
If a decimal operation exceeding the above ranges is performed, the CY flag is set, resulting in a value
greater than or equal to 1010B (0AH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com