Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 84Page - Renesas Technology Corp UPD17062 Datasheet HTML 85Page - Renesas Technology Corp UPD17062 Datasheet HTML 86Page - Renesas Technology Corp UPD17062 Datasheet HTML 87Page - Renesas Technology Corp UPD17062 Datasheet HTML 88Page - Renesas Technology Corp UPD17062 Datasheet HTML 89Page - Renesas Technology Corp UPD17062 Datasheet HTML 90Page - Renesas Technology Corp UPD17062 Datasheet HTML 91Page - Renesas Technology Corp UPD17062 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 298 page
background image
86
µPD17062
9.24
P0ABIOn (37H)
P0ABIOn specifies the PORT0A I/O. When P0ABIOn is set to 0, PORT0A becomes an input port. When
P0ABIOn is set to 1, PORT0A becomes an output port.
9.25
SETTING OF INTERRUPT REQUEST GENERATION TIMING IN SERIAL INTERFACE MODE (38H)
b3
b2
b1
b0
P0ABIO3
P0ABIO2
P0ABIO0
37H
0
1
P0ABIO1
P0A0 I/O setting
0
1
P0A1 I/O setting
0
1
P0A2 I/O setting
0
1
P0A3 I/O setting
P0A0 input port
P0A0 output port
P0A1 input port
P0A1 output port
P0A2 input port
P0A2 output port
P0A3 input port
P0A3 output port
b3
b2
b1
b0
SIO0IMD3
SIO0IMD2
SIO0IMD0
38H
SIO0IMD1
00
01
10
11
Function
Fixed at 0
Interrupt request generated at rising edge of the 7th bit of the shift clock
Interrupt request generated at rising edge of the 8th bit of the shift clock
Interrupt request generated when the stop condition is detected
Interrupt request generated at rising edge of the 7th bit of the shift
clock immediately after the start condition is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com