Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 36Page - Renesas Technology Corp UPD17062 Datasheet HTML 37Page - Renesas Technology Corp UPD17062 Datasheet HTML 38Page - Renesas Technology Corp UPD17062 Datasheet HTML 39Page - Renesas Technology Corp UPD17062 Datasheet HTML 40Page - Renesas Technology Corp UPD17062 Datasheet HTML 41Page - Renesas Technology Corp UPD17062 Datasheet HTML 42Page - Renesas Technology Corp UPD17062 Datasheet HTML 43Page - Renesas Technology Corp UPD17062 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 298 page
background image
38
µPD17062
5.3
NOTES ON USING DATA MEMORY
5.3.1
Addressing Data Memory
If the 17K series assembler is being used and a numeric representing a data memory address is specified
directly in an operand of a data memory manipulation instruction, as shown in example 1, an error will occur.
This error occurs to facilitate the maintainability of programs and to reduce the number of causes of bugs
when a program is modified. In this data sheet, however, real-address notation is used in the sample programs
to make them easy to understand. When coding an actual program, refer to the assembler instruction manual.
Example 1.
Instructions that result in an error
;
#
MOV 2FH, #0001B
; Address 2FH is specified directly.
;
$
MOV 0.2FH, #0001B
; Address 2FH in BANK0 is specified directly.
Instructions that do not cause an error
;
%
M02F MEM 0.2FH
; Address 2FH of BANK0 is defined symbolically in
MOV
M02F, #0001B
; M02F as a memory-type address.
;
&
MOV .MD.2FH, #0001B ; Address 2FH is converted into a memory-type
; address by using .MD.. However, the use of this type of
; instruction should be avoided to reduce the
; likelihood of bugs arising.
Using an assembler pseudo instruction, namely the MEM instruction (symbol definition pseudo instruc-
tion), symbolically define a data memory address in advance.
If a data memory address is defined symbolically, a data memory bank must also be specified, as shown
in example 2.
This data memory bank specification is used when a data memory map is automatically created in the
assembler.
Note that if a symbolically defined data memory address for BANK2 is used in the range of BANK1 in a
program, as shown in example 2, the operation is performed in BANK1 data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com