Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 24Page - Renesas Technology Corp UPD17062 Datasheet HTML 25Page - Renesas Technology Corp UPD17062 Datasheet HTML 26Page - Renesas Technology Corp UPD17062 Datasheet HTML 27Page - Renesas Technology Corp UPD17062 Datasheet HTML 28Page - Renesas Technology Corp UPD17062 Datasheet HTML 29Page - Renesas Technology Corp UPD17062 Datasheet HTML 30Page - Renesas Technology Corp UPD17062 Datasheet HTML 31Page - Renesas Technology Corp UPD17062 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 298 page
background image
26
µPD17062
4. STACK
The stack is a register used to save an address returned by a program or the contents of the system register,
described later, when a subroutine call occurs or an interrupt is accepted.
4.1
COMPONENTS
The stack consists of a stack pointer (SP), which is a 4-bit binary counter, six 13-bit address stack registers
(ASRs), and two 3-bit interrupt stack registers.
4.2
STACK POINTER (SP)
The stack pointer is located at address 01H in the register file, and specifies an address stack register. The
contents of the stack pointer are decremented by 1 whenever a push operation (CALL, MOVT, or PUSH
instruction or interrupt acceptance) is performed, or incremented by 1 whenever a pop operation (RET, RETSK,
RETI, MOVT, or POP instruction) is performed.
The high-order bit of the stack pointer is always set to 0. The stack pointer can indicate any of eight different
values, 0H to 7H. However, 6H and 7H are not assigned to the stack.
Fig. 4-1
Structure of Stack Pointer
Table 4-1
Behavior of Stack Pointer
0
(SPb2)
(SPb1)
(SPb0)
MSB
LSB
Instruction
Stack pointer value
CALL addr
CALL @AR
MOVT DBF, @AR
SP – 1
PUSH AR
Interrupt acceptance
RET
RETSK
MOVT DBF, @AR
SP + 1
POP AR
RETI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com