Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 47Page - Renesas Technology Corp UPD17062 Datasheet HTML 48Page - Renesas Technology Corp UPD17062 Datasheet HTML 49Page - Renesas Technology Corp UPD17062 Datasheet HTML 50Page - Renesas Technology Corp UPD17062 Datasheet HTML 51Page - Renesas Technology Corp UPD17062 Datasheet HTML 52Page - Renesas Technology Corp UPD17062 Datasheet HTML 53Page - Renesas Technology Corp UPD17062 Datasheet HTML 54Page - Renesas Technology Corp UPD17062 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 298 page
background image
49
µPD17062
7.2
CONFIGURATION AND FUNCTIONS OF THE COMPONENTS OF THE ALU BLOCK
7.2.1
ALU
In response to a programmed instruction, the ALU performs 4-bit arithmetic or logic processing, bit
discrimination, comparative discrimination, rotation, or transfer.
7.2.2
Temporary Storage Registers A and B
Temporary storage registers A and B temporarily hold the 4-bit data.
These registers are automatically used when an instruction is executed. They cannot be controlled by a
program.
7.2.3
Program Status Word
A program status word controls the operation of the ALU and holds the status of the ALU.
For details of the program status word, see Section 8.7.
7.2.4
Decimal Conversion Circuit
If the BCD flag of the program status word is set to 1 when an arithmetic operation is executed, the decimal
conversion circuit converts the results of the arithmetic operation to a decimal number.
7.2.5
Address Controller
The address controller specifies an address in data memory.
At the same time, the circuit also controls address modification by the index register or data memory row
address pointer.
7.3
ALU OPERATIONS
Table 7-1 lists the operations performed by the ALU when instructions are executed.
Table 7-2 shows the data memory address modification by the index register and data memory row address
pointer.
Table 7-3 lists the converted decimal data used in decimal operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com