Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 70Page - Renesas Technology Corp UPD17062 Datasheet HTML 71Page - Renesas Technology Corp UPD17062 Datasheet HTML 72Page - Renesas Technology Corp UPD17062 Datasheet HTML 73Page - Renesas Technology Corp UPD17062 Datasheet HTML 74Page - Renesas Technology Corp UPD17062 Datasheet HTML 75Page - Renesas Technology Corp UPD17062 Datasheet HTML 76Page - Renesas Technology Corp UPD17062 Datasheet HTML 77Page - Renesas Technology Corp UPD17062 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 298 page
background image
72
µPD17062
Table 9-1
Peripheral Hardware Control Functions of Control Registers (3/5)
Remark *: Retains the previous state. **: Indefinite
Control register
Peripheral hardware control function
At reset
Register
Ad-
dress
Read/
write
b3
b2
b1
b0
Symbol
Function outline
Set value
01
P
o
w
e
r
O
n
S
T
O
P
C
E
A/D converter
controll
register
Port 1C group
I/O select
register
Port 1B bit I/O
select register
Port 0B bit I/O
select register
Port 0A bit I/O
select register
Serial I/O0
mode select
register
Serial I/O0
wait control
register
21H
R/W
27H
R/W
35H
R/W
36H
R/W
37H
R/W
08H
R/W
18H
R/W
ADCCH2
ADCCH1
ADCCH0
ADCCMP
0
0
0
P1CGIO
P1BBIO3
P1BBIO2
P1BBIO1
P1BBIO0
P0BBIO3
P0BBIO2
P0BBIO1
P0BBIO0
P0ABIO3
P0ABIO2
P0ABIO1
P0ABIO0
SIO0CH
SB
SIO0MS
SIO0TX
SBACK
SIO0NWT
SIO0WRQ1
SIO0WRQ0
Selects the pin used as an
A/D converter
Detects the comparison result
Fixed at 0
Sets I/O of port 1C (group I/O)
P1B3 pin
P1B2 pin
P1B1 pin
P1B0 pin
P0B3 pin
P0B2 pin
P0B1 pin
P0B0 pin
P0A3 pin
P0A2 pin
P0A1 pin
P0A0 pin
I/O setting
(bit I/O)
Sets the number of communication lines
Sets the communication method
Sets master/slave
Sets the transfer direction
Sets and detects acknowledge (I2C bus method)
Sets the wait permission
Sets the wait mode
0: AD0
2: AD2
4: AD4
6, 7: Not to be set
1: AD1
3: AD3
5: AD5
VIN < VREF
VIN > VREF
Input
Output
Input
Output
2-wire method
3-wire method
Serial I/O method
I2C bus method
(only for 2-wire method)
Master operation Slave operation
Reception
Transmission
Permitted
Released
Sets and detects 0 and 1
01
1
0
00
1
1
No
wait
Data
wait
Acknow-
ledge
wait
Ad-
dress
wait
00
0
00
0
00
0
00
0
00
0
** *
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com