Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD17062 Datasheet HTML 1Page - Renesas Technology Corp UPD17062 Datasheet HTML 2Page - Renesas Technology Corp UPD17062 Datasheet HTML 3Page - Renesas Technology Corp UPD17062 Datasheet HTML 4Page - Renesas Technology Corp UPD17062 Datasheet HTML 5Page - Renesas Technology Corp UPD17062 Datasheet HTML 6Page - Renesas Technology Corp UPD17062 Datasheet HTML 7Page - Renesas Technology Corp UPD17062 Datasheet HTML 8Page - Renesas Technology Corp UPD17062 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 298 page
background image
2
µPD17062
ORDERING INFORMATION
Part number
Package
µPD17062CU-×××
48-pin plastic shrink DIP (600 mil)
µPD17062GC-×××
64-pin plastic QFP (14
× 14 mm)
Remark
××× is the ROM code number.
FUNCTION OVERVIEW
Item
Function
ROM (program memory) capacity
3968
× 16 bits (masked ROM)
CROM (character ROM) capacity
1920
× 16 bits (included in ROM)
RAM (data memory) capacity
336
× 4 bits (including the area that can be used for VRAM)
VRAM (video RAM) capacity
224
× 4 bits (included in RAM)
Instruction execution time
2
µs (when the 8-MHz crystal is used)
Stack level
6 levels (stack operation possible)
Number of I/O ports
Number of input ports: 4
Number of output ports: 8
Number of I/O ports: 15
IDC (Image Display Controller)
Number of characters in display: Up to 99 on a single screen
Display format: 10
× 15 dots, 14 rows × 19 columns
Number of character types: 120 (user-programmable)
Number of colors: 8
Character size
Vertical dimension
: 1 to 4 times (can be set for each line)
Horizontal dimension : 1 to 4 times (can be set for each character)
Serial interface
Serial interface 0 (two-wire or I2C bus compatible)
Serial interface 1 (two-wire or three-wire)
D/A converter
6 bits
× 4 (PWM output, withstand voltage of up to 12.5 V)
A/D converter
4 bits
× 6 (successive-approximation converter by software)
Interrupt
External interrupt : 2 channels
Internal interrupt : 2 channels
Timer
1 channel (internal clock/zerocross input)
PLL frequency synthesizer
Scaling method
: Pulse swallow method (VCO pin: Up to 40 MHz),
external specialized two-modulus prescaler
(
µPB595, for example)
Reference frequency : 6.25, 12.5, 25 kHz
Charge pump
: Error-out output
Phase comparator
: Capable of unlock detection by a program
Reset
Power-on reset
Reset by the CE pin
With power-failure detection function
Supply voltage
5 V
±10%
One system
4 channels





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com