Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 42Page - Renesas Technology Corp UPD17062 Datasheet HTML 43Page - Renesas Technology Corp UPD17062 Datasheet HTML 44Page - Renesas Technology Corp UPD17062 Datasheet HTML 45Page - Renesas Technology Corp UPD17062 Datasheet HTML 46Page - Renesas Technology Corp UPD17062 Datasheet HTML 47Page - Renesas Technology Corp UPD17062 Datasheet HTML 48Page - Renesas Technology Corp UPD17062 Datasheet HTML 49Page - Renesas Technology Corp UPD17062 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 298 page
background image
44
µPD17062
Example 2.
When BANK0 is selected and MPE = 0 is specified
MOV 04H, #8
; 04H
← 8
AND RPL, #0001B
; RP
← 0000000B; The general-purpose register is allocated in row
; address 0H in BANK0.
MOV @04H, 52H
Executing the above instruction transfers the contents of data memory address 52H to address 58H. The
MOV @r, m instruction is called an indirect transfer of the general-purpose register contents.
In this
instruction, the contents of the general-purpose register address specified in r (8 in the above example) consist
of the column address of data memory, and the row address specified in m (5 in the above example) is the
row address of data memory. That is, the data memory address is 58H (see Fig. 6-3).
See Section 8.5 for an explanation of the indirect transfer of the general-purpose register contents.
Fig. 6-3
Execution of Instructions in Example 2
Example 3.
AND RPL,
#0000B ; RP
← 0000000B; The general-purpose register is allocated in row
; address 0H of BANK0.
MOV BANK, #0010B ; BANK2
LD
01H,
31H
LD
02H,
32H
LD
03H,
33H
LD
04H,
34H
OR
RPL,
#1000B ; RP
← 0000100B; The general-purpose register is allocated in row
; address 4H of BANK0.
LD
05H,
45H
LD
06H,
46H
LD
07H,
47H
LD
08H,
48H
0
1
2
3
45
6
789
A
B
C
D
E
F
0
2
3
4
5
6
7
1
RP
BANK0
MOV
M
@ 04H, 56H
8
System register
Column address
General-purpose register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com