Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 91Page - Renesas Technology Corp UPD17062 Datasheet HTML 92Page - Renesas Technology Corp UPD17062 Datasheet HTML 93Page - Renesas Technology Corp UPD17062 Datasheet HTML 94Page - Renesas Technology Corp UPD17062 Datasheet HTML 95Page - Renesas Technology Corp UPD17062 Datasheet HTML 96Page - Renesas Technology Corp UPD17062 Datasheet HTML 97Page - Renesas Technology Corp UPD17062 Datasheet HTML 98Page - Renesas Technology Corp UPD17062 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 298 page
background image
93
µPD17062
This program sequentially reads the constant data stored at program memory addresses 0001H to 000CH
into the data buffer (
#) and outputs the data to Port0A, Port0B, and Port0C ($).
The constant data is left-shifted one bit. As a result, a high-level data is sequentially output to the Port0A,
Port0B, and Port0C pins.
10.4
DATA BUFFER AND PERIPHERAL HARDWARE
10.4.1
How to Control Peripheral Hardware
The following peripheral hardware units transfer data via the data buffer:
• Image display controller
• A/D converter
• Serial interface
• Horizontal synchronizing signal counter
• 6-bit D/A converter
• Address register
• PLL frequency synthesizer
The peripheral hardware is controlled by setting the data in the peripheral hardware via the data buffer or
reading its data.
Each peripheral hardware unit is provided with a data transfer register called a peripheral register. An
address, called a peripheral address, is allocated to each peripheral hardware unit. Data transfer between the
data buffer and peripheral hardware can be performed by executing a GET or PUT instruction (dedicated to
the peripheral register) for the peripheral register.
The GET and PUT instructions are described below. The peripheral hardware and data buffer functions are
listed in Table 10-1.
GET DBF, p; Reads the data of the peripheral register at address p into the data buffer.
PUT p, DBF; Writes the data of the data buffer to the peripheral register at address p.
There are three types of peripheral registers: Write/read (PUT/GET), write only (PUT), and read only (GET).
Device operation when a GET or PUT instruction is executed for a write only (PUT only) or read only (GET
only) peripheral register is described below.
• When a read (GET) instruction is executed for a write only (PUT only) peripheral register, an undefined
value is returned.
• When a write (PUT) instruction is executed for a read only (GET only), it has no effect.
Be careful when using a 17K series assembler and emulator.
For details, see Section 10.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com