Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 71Page - Renesas Technology Corp UPD17062 Datasheet HTML 72Page - Renesas Technology Corp UPD17062 Datasheet HTML 73Page - Renesas Technology Corp UPD17062 Datasheet HTML 74Page - Renesas Technology Corp UPD17062 Datasheet HTML 75Page - Renesas Technology Corp UPD17062 Datasheet HTML 76Page - Renesas Technology Corp UPD17062 Datasheet HTML 77Page - Renesas Technology Corp UPD17062 Datasheet HTML 78Page - Renesas Technology Corp UPD17062 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 298 page
background image
73
µPD17062
Table 9-1
Peripheral Hardware Control Functions of Control Registers (4/5)
Remark *: Retains the previous state. **: Indefinite
Control register
Peripheral hardware control function
At reset
Register
Ad-
dress
Read/
write
b3
b2
b1
b0
Symbol
Function outline
Set value
01
P
o
w
e
r
O
n
S
T
O
P
C
E
Serial I/O0
status judge
register
Serial I/O0
interrupt
mode
register
Serial I/O0
clock select
register
HSYNC counter
gate control
register
HSYNC counter
gate judge
register
28H
R
38H
R/W
39H
R/W
11H
R/W
12H
R
SIO0SF8
SIO0SF9
SBSTT
SBBSY
0
0
SIO0IMD1
SIO0IMD0
0
0
SIO0CK1
SIO0CK0
0
0
HSCGT1
HSCGT0
HSCGOSTT
0
0
0
Detects the contents of clock
counter
Detects the number of clocks
(I2C bus method)
Detects the start condition
(I2C bus method)
Fixed at 0
Sets the interrupt condition
of serial interface 0
Fixed at 0
Fixed at 0
Sets the internal clock of
serial interface 0
Controls the HSYNC
counter gate
Detects open/close of the HSYNC counter
Fixed at 0
000
Resets when
the contents of
the clock counter
become 0 or 1
Resets when
the contents of
the clock counter
become 0 or 1
Resets when
the contents of
the clock counter
become 8
Resets when
the contents of
the clock counter
become 9
Sets up the start condition - 9th clock
Sets up the start condition -
stop condition
00
1
1
01
1
0
7th
clock
8th
clock
7th clock
after occur-
rence of start
condition
Stop
con-
dition
00
1
1
01
1
0
Gate
close
Gate
open
1.69 ms
gate
open
Not to
be set
Gate open
Gate close
00
1
1
01
1
0
100
kHz
200
kHz
500
kHz
1
MHz
** *
*
** *
*
000
0–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com