Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 60Page - Renesas Technology Corp UPD17062 Datasheet HTML 61Page - Renesas Technology Corp UPD17062 Datasheet HTML 62Page - Renesas Technology Corp UPD17062 Datasheet HTML 63Page - Renesas Technology Corp UPD17062 Datasheet HTML 64Page - Renesas Technology Corp UPD17062 Datasheet HTML 65Page - Renesas Technology Corp UPD17062 Datasheet HTML 66Page - Renesas Technology Corp UPD17062 Datasheet HTML 67Page - Renesas Technology Corp UPD17062 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 298 page
background image
62
µPD17062
8.5.4
For MPE = 1 and IXE = 0 (Diagonal Indirect Transfer)
As shown in Table 8-2, the bank and row address of the data memory address in the indirect side specified
by the general-purpose register are set to the value of the data memory row address pointer only when a
general-purpose register indirect transfer instruction is executed.
Example 1. When the row address of the general-purpose register is 0 for BANK0
MOV
MPL,
#0101B
; MP
← 00101B
MOV
MPH,
#1000B
; MPE
← 1
MOV
05H,
#8
; 05H
← 8
MOV
@05H, 34H
; Register indirect transfer
When the above instruction is executed, the contents of the data memory at address 34H are
transferred to address 58H of data memory. This means that the MOV @r, m instruction at
MPE = 1 transfers the contents of data memory m to the data memory whose bank and row
addresses are the values of the data memory row address pointer (in the above example,
BANK0, row address 5) and whose column address is specified (in the above case, 58H of
BANK0) by general-purpose register r (in the above case, 8). (See Example 1 in Fig. 8-4.)
Compared to MPE = 0 (Example 2 in Section 8.5.3), the bank and row address of the data
memory address in the indirect side specified by the general-purpose register can be
specified by the data memory row address pointer (in Example 2 of Section 8.5.3, the bank
and row address in the indirect side are the same as those of m). Therefore, specifying MPE
= 1 enables general-purpose register diagonal indirect transfer to be performed.
Similarly, the MOV m, @r instruction becomes as shown in Example 2.
Example 2. When the row address of the general-purpose register is 0 for BANK0
MOV
MPL,
#0101B
; MP
← 00101B
MOV
MPH,
#1000B
; MPE
← 1
MOV
0BH, #0EH
; 0BH
← 0EH
MOV
3AH, @05H
(See Example 2 in Fig. 8-4.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com