Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 16Page - Renesas Technology Corp UPD17062 Datasheet HTML 17Page - Renesas Technology Corp UPD17062 Datasheet HTML 18Page - Renesas Technology Corp UPD17062 Datasheet HTML 19Page - Renesas Technology Corp UPD17062 Datasheet HTML 20Page - Renesas Technology Corp UPD17062 Datasheet HTML 21Page - Renesas Technology Corp UPD17062 Datasheet HTML 22Page - Renesas Technology Corp UPD17062 Datasheet HTML 23Page - Renesas Technology Corp UPD17062 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 298 page
background image
18
µPD17062
2. PROGRAM MEMORY (ROM)
Program memory stores the program to be executed by the CPU, as well as predetermined constant data.
2.1
CONFIGURATION OF PROGRAM MEMORY
Fig. 2-1 shows the configuration of program memory.
As shown in Fig. 2-1, the capacity of the program memory is 8K bytes (3968
× 16 bits).
Locations in program memory are addressed in units of 16 bits. The total address range is from 0000H
to 0F7FH. Memory is divided into pages. The range of page 0 is from 0000H to 07FFH, while that of page
1 is from 0800H to 0F7FH.
The range from 0800H to 0F7FH can be used as the CROM (character ROM) area in which the display patterns
for the IDC are stored. If this area is not used as CROM, it can be used as a program area.
The range from 0000H to 00FFH is a table reference area. The area is used by the JMP @AR, CALL @AR,
MOVT, PUSH, and POP instructions.
Fig. 2-1
Configuration of Program Memory
Address
Program memory (ROM)
16 bits
Page 0
Page 1 (area that can be used as CROM)
3968 steps
0000H
07FFH
0800H
0F7FH
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com