Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 56Page - Renesas Technology Corp UPD17062 Datasheet HTML 57Page - Renesas Technology Corp UPD17062 Datasheet HTML 58Page - Renesas Technology Corp UPD17062 Datasheet HTML 59Page - Renesas Technology Corp UPD17062 Datasheet HTML 60Page - Renesas Technology Corp UPD17062 Datasheet HTML 61Page - Renesas Technology Corp UPD17062 Datasheet HTML 62Page - Renesas Technology Corp UPD17062 Datasheet HTML 63Page - Renesas Technology Corp UPD17062 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 298 page
background image
58
µPD17062
8.5.2
Functions of Index Register and Data Memory Row Address Pointer
When a data memory manipulation instruction is executed with the index enable flag (IXE) set to 1, the
index register ORs the data memory bank/address specified by the instruction and the contents of the index
register. Then, the index register executes the instruction in the data memory address indicated by the
operation result (in other words, the real address).
When a general-purpose register indirect transfer instruction (MOV @r, m and MOV m, @r) is executed
with the memory pointer enable flag set to 1, the data memory row address pointer executes the instruction,
regarding the indirect address bank specified by the general-purpose register and row address as being the
value of the data memory row address pointer.
Table 8-2 shows the modification of data memory and the indirect address by the index register and data
memory row address pointer.
All data memories are subject to modification by the index register and data memory row address pointer.
The following instructions are not subject to modification by the index register.
INC
AR
INC
IX
MOVT
DBF, @AR
PUSH
AR
POP
AR
PEEK
WR, rf
POKE
rf, WR
GET
DBF, P
PUT
p, DBF
BR
addr
BR
@AR
RORC
r
CALL
addr
CALL
@AR
RET
RETSK
RETI
EI
DI
STOP
0
HALT
h
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com