Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 69Page - Renesas Technology Corp UPD17062 Datasheet HTML 70Page - Renesas Technology Corp UPD17062 Datasheet HTML 71Page - Renesas Technology Corp UPD17062 Datasheet HTML 72Page - Renesas Technology Corp UPD17062 Datasheet HTML 73Page - Renesas Technology Corp UPD17062 Datasheet HTML 74Page - Renesas Technology Corp UPD17062 Datasheet HTML 75Page - Renesas Technology Corp UPD17062 Datasheet HTML 76Page - Renesas Technology Corp UPD17062 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 298 page
background image
71
µPD17062
Table 9-1
Peripheral Hardware Control Functions of Control Registers (2/5)
Remark
*: Retains the previous state.
Control register
Peripheral hardware control function
At reset
Register
Ad-
dress
Read/
write
b3
b2
b1
b0
Symbol
Function outline
Set value
01
P
o
w
e
r
O
n
S
T
O
P
C
E
Interrupt edge
select register
Interrupt
permission
register
Interrupt
request
register
CE pin level
judge register
PLL reference
clock select
register
PLL unlock
flip-flop judge
register
PLL unlock
flip-flop
sensibility
select register
1FH
R/W
2FH
R/W
3FH
R
07H
R
13H
R/W
22H
R
32H
R/W
0
IEGVSYN
0
IEGNC
IPVSYN
IPSIO0
IPBTM0
IPNC
IRQVSYN
IRQSIO0
IRQBTM0
IRQNC
0
0
0
CE
PLLRFCK3
PLLRFCK2
PLLRFCK1
PLLRFCK0
0
0
0
PLLUL
0
0
PLULSEN1
PLULSEN0
Fixed at 0
Sets the interrupt issue edge (VSYNC)
Fixed at 0
Sets the interrupt issue edge (INTNC)
- Serial interface 0
- VSYNC signal
- Basic timer 0
- INTNC pin
- Serial interface 0
- VSYNC signal
- Basic timer 0
- INTNC pin
Sets
the in-
terrupt
permis-
sion of:
Sets
the in-
terrupt
request
of:
Fixed at 0
Detects the CE pin state
Fixed at 1
Fixed at 0
Detects the unlock flip-flop state
Fixed at 0
Sets the set delay time for
the unlock flip-flop
Rising edge
Falling edge
Rising edge
Falling edge
00
0
01
1
Interrupt
disabled
Interrupt
enabled
No interrupt
request/
processing
in progress
Interrupt
request made
00
0
Low level
High Level
0–
–
2: 6.25 kHz
3: 12.5 kHz
6: 25 kHz
F: Operation stopped (disabled state)
0, 1, 4, 5, 7-E: Setting disabled
Locked state
Unlocked state
00
1
1
01
0
1
1.25
3.5
0.25
1.5 s
3.75 s
0.5 s
µµ
µ
Disabled
state
to
to
to
FF
*
0*
*
00
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com