Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 23Page - Renesas Technology Corp UPD17062 Datasheet HTML 24Page - Renesas Technology Corp UPD17062 Datasheet HTML 25Page - Renesas Technology Corp UPD17062 Datasheet HTML 26Page - Renesas Technology Corp UPD17062 Datasheet HTML 27Page - Renesas Technology Corp UPD17062 Datasheet HTML 28Page - Renesas Technology Corp UPD17062 Datasheet HTML 29Page - Renesas Technology Corp UPD17062 Datasheet HTML 30Page - Renesas Technology Corp UPD17062 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 298 page
background image
25
µPD17062
3. PROGRAM COUNTER (PC)
The program counter addresses program memory or a program. It is a 12-bit binary counter.
Fig. 3-1
Program Counter
PC11
PC9
PC10
PC8
PC6
PC7
PC5
PC3
PC4
PC2
PC0
PC1
12 bits
Priority
Interrupt cause
Vector address
1
INTNC pin
4H
2
Internal timer
3H
3VSYNC
pin
2H
4
Serial interface
1H
Normally, the program counter is incremented by 1 each time an instruction is executed. When a branch
instruction or a subroutine call instruction is executed, however, the address specified in the operand field
is loaded into the program counter. If a skip instruction has been executed, the address of the instruction
following the skip instruction is specified, regardless of the contents of the skip instruction. If the specified
address contains a skip condition, the instruction following the skip instruction is regarded as being a NOP
instruction. That is, the NOP instruction is executed, and the address of the next instruction is specified.
If an interrupt request is accepted, one of addresses 1 to 4 (depending on the cause of the interrupt) is loaded
into the PC.
If a power-on reset or a CE reset is performed, the program counter is reset to address 0.
Table 3-1
Vector Addresses upon Interrupt Occurrence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com