Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 74Page - Renesas Technology Corp UPD17062 Datasheet HTML 75Page - Renesas Technology Corp UPD17062 Datasheet HTML 76Page - Renesas Technology Corp UPD17062 Datasheet HTML 77Page - Renesas Technology Corp UPD17062 Datasheet HTML 78Page - Renesas Technology Corp UPD17062 Datasheet HTML 79Page - Renesas Technology Corp UPD17062 Datasheet HTML 80Page - Renesas Technology Corp UPD17062 Datasheet HTML 81Page - Renesas Technology Corp UPD17062 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 298 page
background image
76
µPD17062
9.3
CE (07H, b0)
CE is a flag for reading the CE pin level.
The flag indicates 1 when a high level signal is input to the CE pin, or 0 when a low level signal is input.
9.4
SERIAL INTERFACE MODE REGISTER (08H)
b3
b2
b1
b0
00
CE
07H
0
1
0
CE pin low level
CE pin high level
b3
b2
b1
b0
SIO0CH
SB
SIO0TX
08H
0
1
SIO0MS
0
1
0
1
0
1
Transmission/reception setting
Setting of serial interface clock direction
Setting of serial interface mode
Setting of serial interface channel
2-wire bus mode
CH0 serial I/O mode
CH1 serial I/O mode
: RX (reception) mode
: SI mode
: P0A3 used as a general-purpose port
2-wire bus mode
CH0 serial I/O mode
CH1 serial I/O mode
: TX (transmission) mode
: SO mode
: P0A3 used as an SO pin
2-wire bus mode
Serial I/O mode
: Slave operation
: External clock operation
2-wire bus mode
Serial I/O mode
: Master operation
: Internal clock operation
Serial I/O mode
2-wire bus mode
Selects CH0
Selects CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com