Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 85Page - Renesas Technology Corp UPD17062 Datasheet HTML 86Page - Renesas Technology Corp UPD17062 Datasheet HTML 87Page - Renesas Technology Corp UPD17062 Datasheet HTML 88Page - Renesas Technology Corp UPD17062 Datasheet HTML 89Page - Renesas Technology Corp UPD17062 Datasheet HTML 90Page - Renesas Technology Corp UPD17062 Datasheet HTML 91Page - Renesas Technology Corp UPD17062 Datasheet HTML 92Page - Renesas Technology Corp UPD17062 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 298 page
background image
87
µPD17062
9.26
SHIFT CLOCK FREQUENCY SETTING (39H)
9.27
IRQNC (3FH)
IRQNC is an interrupt request flag that indicates the interrupt request state.
When an interrupt request is generated, the flag is set to 1. When the request is accepted (interrupt is made),
the flag is reset to 0.
The interrupt request flag can be read and written by the program. Hence, if 1 is written, an interrupt by
software can be generated. If 0 is written, the interrupt hold status can be released. The IRQNC flag becomes
0 upon reset.
b3
b2
b1
b0
SIO0CK3
SIO0CK2
SIO0CK0
39H
SIO0CK1
00
01
10
11
100 kHz
200 kHz
500 kHz
1 MHz
Fixed at 0
Internal clock frequency
Flag name
Bit position
Interrupt source
IRQNC
b0
INTNC pin
IRQBTM0
b1
Clock timer
IRQVSYN
b2
VSYNC pin
IRQSIO0
b3
Serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com