Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 92Page - Renesas Technology Corp UPD17062 Datasheet HTML 93Page - Renesas Technology Corp UPD17062 Datasheet HTML 94Page - Renesas Technology Corp UPD17062 Datasheet HTML 95Page - Renesas Technology Corp UPD17062 Datasheet HTML 96Page - Renesas Technology Corp UPD17062 Datasheet HTML 97Page - Renesas Technology Corp UPD17062 Datasheet HTML 98Page - Renesas Technology Corp UPD17062 Datasheet HTML 99Page - Renesas Technology Corp UPD17062 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 298 page
background image
94
µPD17062
Table 10-1
Peripheral Hardware and Data Buffer Functions
Data buffer and data transfer
Function
peripheral register
Peripheral hardware
Name
Symbol
Peri-
PUT
Data
Valid
Explanation
pheral instruction/
buffer
bits
address
GET
I/O bits
instruction
Image display
IDC start posi- IDCORG
01H
PUT/GET
8
7
Sets the image display
controller
tion setting
controller display start
register
position.
A/D converter
A/D converter
ADCR
02H
PUT/GET
8
4
Sets the AD converter
VREF data
comparison voltage
register
VREF.
VREF =
x – 0.5
× VDD (V)
16
1
≤ x ≤ 15
Serial interface
Presettable
SIO0SFR
03H
PUT/GET
8
8
Sets the serial out data
shift register
and reads the serial in
data.
Horizontal syn-
HSYNC
HSC
04H
GET
8
6
Reads the value of the
chronizing signal
counter data
horizontal synchroni-
counter
register
zing signal counter.
PWM0
PWM data
PWMR0
05H
PUT/GET
8
7
Sets the D/A converter
pin
register 0
output signal duty.
PWM1
PWM data
PWMR1
06H
Duty D =
x + 0.75
(%)
pin
register 1
64
PWM2
PWM data
PWMR2
07H
0
≤ x ≤ 63
pin
register 2
Frequency f = 15.625 kHz
PWM3
PWM data
PWMR2
08H
pin
register 3
Address register
Address
AR
40H
PUT/GET
16
16
Reads of writes data
register
from or to the address
register.
PLL frequency
PLL data
PLLR
41H
PUT/GET
16
16
Sets the PLL frequency
synthesizer
register
synthesizer frequency
division ratio.
6-bit
D/A
conver-
ter
(PWM
output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com