Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 54Page - Renesas Technology Corp UPD17062 Datasheet HTML 55Page - Renesas Technology Corp UPD17062 Datasheet HTML 56Page - Renesas Technology Corp UPD17062 Datasheet HTML 57Page - Renesas Technology Corp UPD17062 Datasheet HTML 58Page - Renesas Technology Corp UPD17062 Datasheet HTML 59Page - Renesas Technology Corp UPD17062 Datasheet HTML 60Page - Renesas Technology Corp UPD17062 Datasheet HTML 61Page - Renesas Technology Corp UPD17062 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 298 page
background image
56
µPD17062
8.3
BANK REGISTER (BANK)
The bank register specifies a data memory bank.
The bank register contains BANK0 upon reset. The two high-order bits of address 79H are consistently set
to 0.
Data memory is classified into three banks by the bank register. When a data memory manipulation
instruction is executed, it acts on the data memory in the bank specified by the bank register.
For example, to manipulate BANK1 data memory with BANK0 set as the current bank, the bank must first
be switched to BANK1 in the bank register.
However, system registers allocated to addresses 74H-7FH of data memory are not confined to the concept
of banks. The same system registers exist at addresses 74H-7FH of all banks. Executing MOV 78H, #0 in BANK1
and MOV 78H, #0 in BANK2 both result in writing 0 to address 78H of the system register. Therefore, system
register manipulation is not constrained to the concept of banks.
When an interrupt is accepted, BANK is saved.
Table 8-1
Specification of Data Memory Bank
8.4
MEMORY POINTER ENABLE FLAG (MPE)
The MPE specifies whether to specify the row address for execution of the MOV @r, M and MOV M, @r
instructions by the MPL, or to perform execution with the same address. When the MPE is set, the row address
is specified by the MPL. When the MPE is reset, the instruction is executed with same row address.
However, the address specified by the MPL is the row address of the currently specified bank.
Bank request
Data memory bank
(BANK)
b3
b2
b1
b0
0
0
0
0
BANK0
0
0
0
1
BANK1
0
0
1
0
BANK2
0
0
1
1
Not to be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com