Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 89Page - Renesas Technology Corp UPD17062 Datasheet HTML 90Page - Renesas Technology Corp UPD17062 Datasheet HTML 91Page - Renesas Technology Corp UPD17062 Datasheet HTML 92Page - Renesas Technology Corp UPD17062 Datasheet HTML 93Page - Renesas Technology Corp UPD17062 Datasheet HTML 94Page - Renesas Technology Corp UPD17062 Datasheet HTML 95Page - Renesas Technology Corp UPD17062 Datasheet HTML 96Page - Renesas Technology Corp UPD17062 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 298 page
background image
91
µPD17062
10.3
DATA BUFFER AND TABLE REFERENCING
10.3.1
Table Referencing
Tables are referenced by reading the constant data from program memory into the data buffer. This is done
using the MOVT DBF, @AR instruction.
Therefore, if display data or other constant data is written to program memory in advance and a table
reference instruction is executed, writing of a complex data conversion program is unnecessary.
The MOVT instruction is described below.
A example program is given in Section 10.3.2.
MOVT DBF, @AR ; Reads the contents of the program memory addressed by the address register into the
data buffer as shown below.
When a table reference instruction is executed, the stack is used one level.
Because the address register (AR) has only eight valid bits, program memory available for table reference
is limited to 256 steps from address 0000H to address 00FFH.
See also Chapter 4 and Section 8.1.
16
MOVT DBF, @ AR
DBF3
DBF2
DBF1
DBF0
b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4
b3 b2 b1 b0
b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4
b3 b2 b1 b0
Constant data
Data buffer
Program memory
(ROM)
Specifies the program memory address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com