Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD17062 Datasheet HTML 1Page - Renesas Technology Corp UPD17062 Datasheet HTML 2Page - Renesas Technology Corp UPD17062 Datasheet HTML 3Page - Renesas Technology Corp UPD17062 Datasheet HTML 4Page - Renesas Technology Corp UPD17062 Datasheet HTML 5Page - Renesas Technology Corp UPD17062 Datasheet HTML 6Page - Renesas Technology Corp UPD17062 Datasheet HTML 7Page - Renesas Technology Corp UPD17062 Datasheet HTML 8Page - Renesas Technology Corp UPD17062 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 298 page
background image
3
µPD17062
PIN CONFIGURATION (TOP VIEW)
48-pin plastic shrink DIP (600 mil)
ADC0 to ADC5
: A/D converter input
P0D0 to P0D3 : Port 0D
BLANK
: Blanking signal output
P1A0 to P1A3 : Port 1A
BLUE
: Character signal output
P1B0 to P1B3 : Port 1B
CE
: Chip enable
P1C1 to P1C3 : Port 1C
EO
: Error out
RED
: Character signal output
GND
: Ground
SCK
: Shift clock input/output
GREEN
: Character signal output
SCL
: Shift clock input/output
HSCNT
: Horizontal synchronizing signal
SDA
: Serial data input/output
counter input
SI
: Serial data input
HSYNC
: Horizontal synchronizing signal input
SO
: Serial data output
INTNC
: Interrupt signal input
TMIN
: Timer event input
NC
: No connection
VCO
: Local oscillation input
PSC
: Pulse swallow control output
VDD
: Main power supply
PWM0 to PWM3 : Pulse width modulation output
VSYNC
: Vertical synchronizing signal input
P0A0 to P0A3
: Port 0A
XIN
: Clock oscillation
P0B0 to P0B3
: Port 0B
XOUT
: Clock oscillation
P0C0 to P0C3
: Port 0C
1
3
2
4
6
5
7
9
8
10
12
11
13
15
14
16
18
17
19
21
20
22
24
23
48
46
47
45
43
44
42
40
41
39
37
38
36
34
35
33
31
32
30
28
29
27
25
26
P0C3
P0C1
P0C2
P0C0
P0D2/ADC4
P0D3/ADC5
P0D1/ADC3
PWM3
P0D0/ADC2
PWM2
PWM0
PWM1
VDD
EO
VCO
GND
CE
PSC
XOUT
P1A3
XIN
P1A2
P1A0
P1A1
INTNC
P0A1/SCL
P0A0/SDA
P0A2/SCK
P0B0/SI
P0A3/SO
P0B1
P0B3/HSCNT
P0B2/TMIN
ADC0
P1C2
P1C1
P1C3/ADC1
HSYNC
VSYNC
BLANK
GREEN
BLUE
RED
P1B1
P1B0
P1B2
GND
P1B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com