Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 38Page - Renesas Technology Corp UPD17062 Datasheet HTML 39Page - Renesas Technology Corp UPD17062 Datasheet HTML 40Page - Renesas Technology Corp UPD17062 Datasheet HTML 41Page - Renesas Technology Corp UPD17062 Datasheet HTML 42Page - Renesas Technology Corp UPD17062 Datasheet HTML 43Page - Renesas Technology Corp UPD17062 Datasheet HTML 44Page - Renesas Technology Corp UPD17062 Datasheet HTML 45Page - Renesas Technology Corp UPD17062 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 298 page
background image
40
µPD17062
6. GENERAL-PURPOSE REGISTER (GR)
The general-purpose register is allocated in data memory space, and is used to perform direct operations
on the data in data memory and to transfer data to and from data memory.
6.1
STRUCTURE OF THE GENERAL-PURPOSE REGISTER
Fig. 6-1 shows the structure of the general-purpose register.
As shown in Fig. 6-1, 16 words (16 words
× 4 bits) having the same row address in data memory space can
be used as the general-purpose register.
The row address to be used as the general-purpose register can be specified using the general-purpose
register pointer of the system register. The general-purpose register consists of seven bits. However, the
high-order four bits are fixed to 0 so, within the data memory space, only row addresses 0H to 7H of BANK0
can be used as the general-purpose register.
See Section 8.6.
6.2
FUNCTION OF THE GENERAL-PURPOSE REGISTER
The general-purpose register can be used to perform an operation or to transfer data between itself and
data memory with the execution of a single instruction. The general-purpose register is allocated in data
memory space. This enables an operation or transfer to be performed between data memory locations by
the execution of a single instruction.
Like other data memory, the general-purpose register can be controlled using a data memory manipulation
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com