Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 90Page - Renesas Technology Corp UPD17062 Datasheet HTML 91Page - Renesas Technology Corp UPD17062 Datasheet HTML 92Page - Renesas Technology Corp UPD17062 Datasheet HTML 93Page - Renesas Technology Corp UPD17062 Datasheet HTML 94Page - Renesas Technology Corp UPD17062 Datasheet HTML 95Page - Renesas Technology Corp UPD17062 Datasheet HTML 96Page - Renesas Technology Corp UPD17062 Datasheet HTML 97Page - Renesas Technology Corp UPD17062 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 298 page
background image
92
µPD17062
10.3.2
Example Table Referencing Program
This section shows an example table referencing program.
Example
P0A
MEM
0.70H
;
P0B
MEM
0.71H
;
P0C
MEM
0.72H
;
ORG
0000H
START :
BR
MAIN
DATA :
DW
0001H
; Constant data
DW
0002H
;
DW
0004H
;
DW
0008H
;
DW
0010H
;
DW
0020H
;
DW
0040H
;
DW
0080H
;
DW
0100H
;
DW
0200H
;
DW
0400H
;
DW
0800H
;
MAIN :
BANK0
; Built-in macro
SET4
P0ABIO3, P0ABIO2, P0ABIO1, P0ABIO0
SET4
P0BBIO3, P0BBIO2, P0BBIO1, P0BBIO0
MOV
RPL,
#1110B
; Sets general-purpose register to row address 7H of BANK0 .
MOV
AR1,
#(.DL.DATA SHR 4 AND 0FH)
MOV
AR0,
#(.DL.DATA SHR 0 AND 0FH)
; Sets address register to 0001H.
LOOP :
;
#
MOVT
DBF,
@AR
; Transfers the contents of the ROM specified by AR to data
; buffer.
;
$
LD
P0A,
DBF2
; Transfers the contents of data buffer to Port0A (70H),
LD
P0B,
DBF1
; Port0B(71H), and Port0C (72H) port data registers.
LD
P0C,
DBF0
ADD
AR0,
#1
; Increments the contents of data register by one.
ADDC
AR1,
#0
SKNE
AR0,
#0CH
; Writes 0 in AR0 when the value of AR0 reaches 0CH.
MOV
AR0,
#0
;
BR
LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com