Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 76Page - Renesas Technology Corp UPD17062 Datasheet HTML 77Page - Renesas Technology Corp UPD17062 Datasheet HTML 78Page - Renesas Technology Corp UPD17062 Datasheet HTML 79Page - Renesas Technology Corp UPD17062 Datasheet HTML 80Page - Renesas Technology Corp UPD17062 Datasheet HTML 81Page - Renesas Technology Corp UPD17062 Datasheet HTML 82Page - Renesas Technology Corp UPD17062 Datasheet HTML 83Page - Renesas Technology Corp UPD17062 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 298 page
background image
78
µPD17062
9.7
INTNC (0FH, b0)
The INTNC flag is used for reading the INTNC pin state.
The flag indicates 1 when a high level signal is input to the INTNC pin, and 0 when a low level signal is input
to the INTNC pin.
9.8
HORIZONTAL SYNCHRONIZING SIGNAL COUNTER CONTROL (11H, 12H)
b3
b2
b1
b0
0
INTVSYN
INTNC
0FH
0
0
1
0
1
The VSYNC pin is low level.
The VSYNC pin is in the high level period.
The INTNC pin is low level.
The INTNC pin is high level.
b3
b1
b0
HSCGOSTT
0
12H
0
0
1
b3
b2
b1
b0
HSCGT3
HSCGT2
HSCGT0
11H
HSCGT1
0
0
1
1
0
1
0
1
0
b2
Input confirmation of gate open/close of
horizontal synchronizing signal counter
Both bits are fixed at 0.
Gate close
Gate open
Gate open (1.69 ms interval)
Not to be set
Gate close
Gate open
Setting of horizontal synchronizing signal counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com