Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 18Page - Renesas Technology Corp UPD17062 Datasheet HTML 19Page - Renesas Technology Corp UPD17062 Datasheet HTML 20Page - Renesas Technology Corp UPD17062 Datasheet HTML 21Page - Renesas Technology Corp UPD17062 Datasheet HTML 22Page - Renesas Technology Corp UPD17062 Datasheet HTML 23Page - Renesas Technology Corp UPD17062 Datasheet HTML 24Page - Renesas Technology Corp UPD17062 Datasheet HTML 25Page - Renesas Technology Corp UPD17062 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 298 page
background image
20
µPD17062
2.4
BRANCHING A PROGRAM
A program is branched by execution of the branch instruction (BR).
Fig. 2-2 illustrates the operation of the branch instruction.
Branch instructions (BR) are divided into two types. Direct branch instructions (BR addr) transfer control
to a program memory address (addr) directly specified in its operand. Indirect branch instructions (BR @AR)
transfer control to a program memory address specified in an address register (AR), described below.
See also Chapter 3.
2.4.1
Direct Branch
A direct branch instruction uses the least significant bit of the operation code and the 11 bits of its operand,
12 bits in total, to specify the destination program memory address. The destination of the direct branch
instruction can be any address in program memory between 0000H and 0F7FH.
2.4.2
Indirect Branch
The indirect branch instruction uses the eight-bit data of an address register to specify the destination
address. The destination of the indirect branch instruction is limited to addresses between 0000H and 00FFH.
See Section 8.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com