Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 99Page - Renesas Technology Corp UPD17062 Datasheet HTML 100Page - Renesas Technology Corp UPD17062 Datasheet HTML 101Page - Renesas Technology Corp UPD17062 Datasheet HTML 102Page - Renesas Technology Corp UPD17062 Datasheet HTML 103Page - Renesas Technology Corp UPD17062 Datasheet HTML 104Page - Renesas Technology Corp UPD17062 Datasheet HTML 105Page - Renesas Technology Corp UPD17062 Datasheet HTML 106Page - Renesas Technology Corp UPD17062 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 298 page
background image
101
µPD17062
10.5.5
PWM Data Register
Fig. 10-8 shows how the PWM data register functions.
The PWM data register sets the duty cycle of the 6-bit D/A converter (PWM output) output.
The 6-bit D/A converter has four channels (pins PWM3, PWM2, PWM1, and PWM0). Because the duty cycle
can be set independently for each channel, four independent PWM duty cycle registers are also provided.
Fig. 10-8
PWM Data Register Functions
DBF3
0CH
DBF2
0DH
DBF1
0EH
DBF0
0FH
b15 b14 b13 b12
b11 b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
0
PWMR0
05H
Set the PWM output duty of each pin.
0
x
63
8
Use PWM pins as D/A converter.
Duty D =
x + 0.75
64
PWM0 pin
PWM0
data register
PWMR1
06H
0
PWM1 pin
PWM1
data register
PWMR2
07H
0
PWM2 pin
PWM2
data register
PWMR3
08H
0
PWM3 pin
PWM3
data register
(%)
0
0
Use PWM as 1-bit output pin.
Output contents of b5.
Symbol
Peripheral
address
Peripheral hardware
Name
Peripheral register
Name
Data buffer
Symbol
Address
Bit
Data
Don't care
Don't care
Transfer data
GET
PUT
Valid data
Frequency f = 15.625 kHz
(f: PWM output repetition frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com