Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 97Page - Renesas Technology Corp UPD17062 Datasheet HTML 98Page - Renesas Technology Corp UPD17062 Datasheet HTML 99Page - Renesas Technology Corp UPD17062 Datasheet HTML 100Page - Renesas Technology Corp UPD17062 Datasheet HTML 101Page - Renesas Technology Corp UPD17062 Datasheet HTML 102Page - Renesas Technology Corp UPD17062 Datasheet HTML 103Page - Renesas Technology Corp UPD17062 Datasheet HTML 104Page - Renesas Technology Corp UPD17062 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 298 page
background image
99
µPD17062
10.5.3
Presettable Shift Register
Fig. 10.6 shows the functions of the presettable shift register.
The presettable shift register writes the serial interface serial out data and reads the serial interface serial
in data.
Fig. 10-6
Relationship between Presettable Shift Register and Data Buffer
Serial interface serial data is output while being shifted sequentially the data from the MSB (bit b7) of the
presettable shift register.
During serial data input, data is shifted sequentially from the LSB (bit b0).
DBF3
0CH
DBF2
0DH
DBF1
0EH
DBF0
0FH
b15 b14 b13 b12
b11 b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
D7
D6
D5
D4
D3
D2
D1
D0
SIO0SFR
03H
Serial out data write and serial in data read
1
234
5
6
78
MSB
LSB
Data output timing
×D7 ×D6 ×D5 ×D4 ×D3 ×D2 ×D1 ×D0
1
234
5
6
78
MSB
LSB
Data input timing
×D7 ×D6 ×D5 ×D4 ×D3 ×D2 ×D1 ×D0
8
Symbol
Peripheral
address
Peripheral hardware
Name
Peripheral register
Name
Data buffer
Symbol
Address
Bit
Data
Don't care
Don't care
Transfer data
GET
PUT
Valid data
Presettable
shift register
Serial interface
Serial out data
Clock
Serial in data
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com