Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 100Page - Renesas Technology Corp UPD17062 Datasheet HTML 101Page - Renesas Technology Corp UPD17062 Datasheet HTML 102Page - Renesas Technology Corp UPD17062 Datasheet HTML 103Page - Renesas Technology Corp UPD17062 Datasheet HTML 104Page - Renesas Technology Corp UPD17062 Datasheet HTML 105Page - Renesas Technology Corp UPD17062 Datasheet HTML 106Page - Renesas Technology Corp UPD17062 Datasheet HTML 107Page - Renesas Technology Corp UPD17062 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 298 page
background image
102
µPD17062
10.5.6
Address Registers
The address registers are mapped to addresses 74H to 77H in the system register (at data memory addresses
74H to 7FH). They are used for program memory address operations. See Chapter 8.
The address registers can be used to manipulate data directly with data memory operation instructions.
They can also be used to transfer data via the data buffer as part of the peripheral hardware.
In other words, data can be read and written via the data buffer with PUT and GET instructions, as well as
data memory operation instructions.
Fig. 10-9 shows the relationship between the address registers and the data buffer.
Fig. 10-9
Relationship Between Address Registers and Data Buffer
DBF3
0CH
DBF2
0DH
DBF1
0EH
DBF0
0FH
b15 b14 b13 b12
b11 b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
0
AR
40H
Address register data write and read
00
0
0
F
16
Address register
b15
b14 b13
b12
b11 b10
b9
b8
00
0
0
0
x
F
0
0
0
0
AR3
AR2
AR1
AR0
74H
75H
76H
77H
Name
Symbol
Address
Data
Address register
x
Symbol
Peripheral
address
Peripheral hardware
Peripheral register
Name
Data buffer
Symbol
Address
Bit
Data
Transfer data
GET
PUT
Valid data
Name
Address
register
The eight high-order bits of the address
registers are always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com