Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 104Page - Renesas Technology Corp UPD17062 Datasheet HTML 105Page - Renesas Technology Corp UPD17062 Datasheet HTML 106Page - Renesas Technology Corp UPD17062 Datasheet HTML 107Page - Renesas Technology Corp UPD17062 Datasheet HTML 108Page - Renesas Technology Corp UPD17062 Datasheet HTML 109Page - Renesas Technology Corp UPD17062 Datasheet HTML 110Page - Renesas Technology Corp UPD17062 Datasheet HTML 111Page - Renesas Technology Corp UPD17062 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 298 page
background image
106
µPD17062
11. INTERRUPT
An interrupt temporarily stops the program being executed in response to a request from the peripheral
hardware (INTNC pin, timer, VSYNC pin or serial interface). The interrupt then branches the program flow to
a predetermined address (vector address).
11.1
INTERRUPT BLOCK CONFIGURATION
Fig. 11-1 shows the interrupt block configuration.
The interrupt block consists of the interrupt request control blocks, interrupt enable flip-flop (INTE), stack
pointer, address stack register, program counter, and interrupt stack. The interrupt request control blocks
control interrupt requests from the INTNC pin, timer, VSYNC pin, and serial interface. The interrupt enable flip-
flop (INTE) sets all interrupt permissions. The stack pointer, address stack register, program counter, and
interrupt stack are controlled when an interrupt is accepted.
The interrupt request processing block in the peripheral hardware consists of the IRQ
××× flip-flop, IP×××
flip-flop, and vector address generator (VAG). The IRQ
××× flip-flop detects an interrupt request, the IP××× flip-
flop sets an interrupt permission, and the vector address generator (VAG) specifies a vector address at
interrupt acceptance.
The IRQ
××× flip-flop and IP××× flip-flop correspond to the interrupt request flag and interrupt permission
flag, respectively, in the control register in one-to-one ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com