Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 108Page - Renesas Technology Corp UPD17062 Datasheet HTML 109Page - Renesas Technology Corp UPD17062 Datasheet HTML 110Page - Renesas Technology Corp UPD17062 Datasheet HTML 111Page - Renesas Technology Corp UPD17062 Datasheet HTML 112Page - Renesas Technology Corp UPD17062 Datasheet HTML 113Page - Renesas Technology Corp UPD17062 Datasheet HTML 114Page - Renesas Technology Corp UPD17062 Datasheet HTML 115Page - Renesas Technology Corp UPD17062 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 298 page
background image
110
µPD17062
11.2.6
Interrupt Enable Flip-Flop (INTE)
The interrupt enable flip-flop sets the interrupt permissions of all four types of interrupts.
If each interrupt request processing block outputs a 1 while this flip-flop is set to 1, a 1 is output from this
flip-flop and an interrupt is accepted.
Even if a 1 is output from each interrupt request processing block while this flip-flop is reset to 0, an interrupt
is not accepted.
To set or reset this flip-flop, use exclusive instructions EI (set) and DI (reset).
If the EI instruction is executed, this flip-flop is set when the instruction executed after the EI instruction
is completed. If the DI instruction is executed, the flip-flop is reset during the DI instruction execution cycle.
If an interrupt is accepted while the interrupt enable flip-flop is set (EI state), this flip-flop is reset (DI state).
Even if the DI instruction is executed in the DI state or the EI instruction is executed in the EI state, the
instruction is invalid.
This flag is reset (DI state) at power-on reset, clock stop, or CE reset.
11.2.7
Stack Pointer, Address Stack Register, and Program Counter
The return address of control returned from the interrupt processing routine is saved in the address stack
register.
The stack pointer specifies one of six address stack registers (ASR0 to ASR5) to be used.
In other words, when an interrupt is accepted, the stack pointer value is reduced by 1, and the program
counter value is saved in the address stack register indicated by the stack pointer. Next, if exclusive return
instruction RETI is executed after the interrupt processing routine, the contents of the address stack register
indicated by the stack pointer are returned to the program counter. At this time, the stack pointer value is
increased by 1.
See also Chapter 4.
11.2.8
Interrupt Stack
The interrupt stack saves the contents of the bank register and index enable flag in the system register when
an interrupt is accepted.
When the interrupt is accepted and the contents of the bank register and index enable flag are saved, the
bank register and index enable flag in the system register are reset to 0.
The interrupt stack can save the contents of the bank registers and index enable flags of up to two levels.
Therefore, the interrupt stack can issue multiple interrupts of up to two levels; for example, an interrupt can
be accepted during execution of a routine that is processing another interrupt.
The contents of the interrupt stack are restored in the bank register and index enable flag in the system
register by executing the RETI instruction. The RETI instruction is exclusively used to return control from the
interrupt processing routine.
See also Chapter 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com