Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 109Page - Renesas Technology Corp UPD17062 Datasheet HTML 110Page - Renesas Technology Corp UPD17062 Datasheet HTML 111Page - Renesas Technology Corp UPD17062 Datasheet HTML 112Page - Renesas Technology Corp UPD17062 Datasheet HTML 113Page - Renesas Technology Corp UPD17062 Datasheet HTML 114Page - Renesas Technology Corp UPD17062 Datasheet HTML 115Page - Renesas Technology Corp UPD17062 Datasheet HTML 116Page - Renesas Technology Corp UPD17062 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 298 page
background image
111
µPD17062
11.3
INTERRUPT ACCEPTANCE
11.3.1
Interrupt Acceptance and Priority
An interrupt is accepted as follows:
(1) When the interrupt conditions are satisfied (e.g., a rising edge is input to the INTNC pin), each type of
peripheral hardware outputs the interrupt request signal to the interrupt request blocks.
(2) When an interrupt request block accepts an interrupt request signal from the peripheral hardware, it sets
the corresponding IRQ
××× flag to 1 (e.g., sets IRQNC for the INTNC pin).
(3) If an interrupt permission flag corresponding to an IRQ
××× (e.g., IPNC flag for the IRQNC flag) is set 1 when
each interrupt request flag is set, each interrupt request block outputs a 1.
(4) A signal output from each interrupt request block is input to the interrupt enable flip-flop via an OR circuit.
This interrupt enable flip-flop is set to 1 by the EI instruction and reset by the DI instruction.
If a 1 is output from each interrupt request block while the interrupt enable flip-flop is set, a 1 is output
from the interrupt enable flip-flop and the interrupt is accepted.
When the interrupt is accepted, the signal from the interrupt enable flip-flop is input to the interrupt request
block via an AND circuit as shown in Fig. 11-1.
The interrupt request flag is reset by the signal input to each interrupt request block, and the vector address
for each interrupt is output.
If a 1 is output from the interrupt request block at this time, the interrupt acceptance signal is not
transferred to the next level. If two or more interrupt requests are issued together, they are accepted in
the following sequence:
(DMA) > INTNC pin > timer > VSYNC pin > serial interface
This sequence is called the hardware priority.
Fig. 11-2 shows the interrupt acceptance flowchart.
The processing in
# of Fig. 11-2 is always executed in parallel. If two or more interrupt requests are
generated at the same time, the interrupt request flags are set at the same time.
On the other hand, the processing in
$ is executed according to the priority given by the interrupt
permission flags.
In other words, if an interrupt permission flag is not set, the interrupt from the interrupt source is not
accepted. An interrupt with a high hardware priority can be inhibited by resetting the corresponding interrupt
permission flag in the program.
This type of interrupt is called a maskable interrupt. For a maskable interrupt, an interrupt with a high
hardware priority can be inhibited by the program; therefore, it is also called the software priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com