Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 107Page - Renesas Technology Corp UPD17062 Datasheet HTML 108Page - Renesas Technology Corp UPD17062 Datasheet HTML 109Page - Renesas Technology Corp UPD17062 Datasheet HTML 110Page - Renesas Technology Corp UPD17062 Datasheet HTML 111Page - Renesas Technology Corp UPD17062 Datasheet HTML 112Page - Renesas Technology Corp UPD17062 Datasheet HTML 113Page - Renesas Technology Corp UPD17062 Datasheet HTML 114Page - Renesas Technology Corp UPD17062 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 298 page
background image
109
µPD17062
11.2.4
Interrupt Permission Flags (IP
×××)
The interrupt permission flags set interrupt permissions for various types of peripheral hardware.
If these flags are set to 1 and the corresponding interrupt request flags are also set, the corresponding
interrupt requests are output.
Because these flags correspond one-to-one to the flags in the interrupt permission register of the control
register, they are read and written via the window register.
These flags are reset to 0 at power-on reset, clock stop, or CE reset.
11.2.5
Vector Address Generator (VAG)
When interrupts from various types of peripheral hardware are accepted, the vector address generator
generates the branch address (vector address) of the program memory for the source of the accepted interrupt.
Table 11-1 lists the vector addresses corresponding to the interrupt sources.
Table 11-1
Interrupt Vector Addresses
Interrupt source
Vector address
INTNC pin
04H
Timer
03H
VSYNC pin
02H
Serial interface
01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com