Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 111Page - Renesas Technology Corp UPD17062 Datasheet HTML 112Page - Renesas Technology Corp UPD17062 Datasheet HTML 113Page - Renesas Technology Corp UPD17062 Datasheet HTML 114Page - Renesas Technology Corp UPD17062 Datasheet HTML 115Page - Renesas Technology Corp UPD17062 Datasheet HTML 116Page - Renesas Technology Corp UPD17062 Datasheet HTML 117Page - Renesas Technology Corp UPD17062 Datasheet HTML 118Page - Renesas Technology Corp UPD17062 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 298 page
background image
113
µPD17062
11.3.2
Timing Chart at Interrupt Acceptance
Fig. 11-3 shows the timing chart at interrupt acceptance.
Fig. 11-3 (1) shows the timing chart of one interrupt.
The timing chart when an interrupt request flag is set to 1 is shown in (a) of (1). The timing chart when
an interrupt permission flag is set to 1 is shown in (b) of (1).
In both cases, the interrupt is accepted when the interrupt request flag, interrupt enable flip-flop, and
interrupt permission flag are all set.
If the flag or flip-flop that is set satisfies the skip conditions or the conditions for the first instruction cycle
of the MOVT DBF or @AR instruction, the interrupt is accepted after execution of the skipped instruction
(becomes NOP) or the second instruction cycle of the MOVT DBF or @AR instruction.
The interrupt enable flip-flop is set in the instruction cycle after the cycle in which the EI instruction is
executed.
Fig. 11-3 (2) shows the timing chart when two or more interrupts are used.
If all interrupt permission flags are set when two or more interrupts are used, the interrupt with the highest
hardware priority is accepted first. The program can be used to change the interrupt permission flags to
change the hardware priority.
The interrupt cycle shown in Fig. 11-3 is a special cycle in which an interrupt request flag is reset, a vector
address is specified, and the contents of the program counter are saved after an interrupt is accepted. The
time required for an interrupt is equal to the time required for one instruction (2
µs, or 12 µs when the IDC
is operating). See Section 11.4 for details.
Because the interrupt request flag is set to 1 regardless of the EI instruction and interrupt permission flags,
an interrupt request can be identified by detecting an interrupt request flag using the program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com