Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 213Page - Renesas Technology Corp UPD17062 Datasheet HTML 214Page - Renesas Technology Corp UPD17062 Datasheet HTML 215Page - Renesas Technology Corp UPD17062 Datasheet HTML 216Page - Renesas Technology Corp UPD17062 Datasheet HTML 217Page - Renesas Technology Corp UPD17062 Datasheet HTML 218Page - Renesas Technology Corp UPD17062 Datasheet HTML 219Page - Renesas Technology Corp UPD17062 Datasheet HTML 220Page - Renesas Technology Corp UPD17062 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 298 page
background image
215
µPD17062
16.6 SERIAL INTERFACE INTERRUPT SOURCE REGISTER (SIO0IMD)
The interrupt source register (SIO0IMD) is a four-bit register that specifies when an interrupt is generated
in the CPU during serial interface communication.
The SIO0IMD register is mapped to address 38H of the register file.
Fig. 16-6 shows the configuration of the SIO0IMD register. The register is not mapped to the two high-order
bits of the SIO0IMD. If the two high-order bits of the SIO0IMD are read, 0 is read from each bit.
Fig. 16-6
Configuration of Serial Interface Interrupt Source Register (RF: 38H)
Table 16-9
Functions of Serial Interface Interrupt Source Register
SIO0IMD1 SIO0IMD0
Function
0
0
An interrupt request is generated when the 7th bit of the shift
clock rises.
0
1
An interrupt request is generated when the 8th bit of the shift
clock falls.
1
0
An interrupt request is generated at the rising edge of the 7th
bit of the shift clock immediately after detection of the start
condition.
1
1
An interrupt request is generated upon detection of the stop
condition.
Bit position
b3
b2
b1
b0
Flag name
SIO0IMD3 SIO0IMD2 SIO0IMD1 SIO0IMD0
(0)
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com