Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 248Page - Renesas Technology Corp UPD17062 Datasheet HTML 249Page - Renesas Technology Corp UPD17062 Datasheet HTML 250Page - Renesas Technology Corp UPD17062 Datasheet HTML 251Page - Renesas Technology Corp UPD17062 Datasheet HTML 252Page - Renesas Technology Corp UPD17062 Datasheet HTML 253Page - Renesas Technology Corp UPD17062 Datasheet HTML 254Page - Renesas Technology Corp UPD17062 Datasheet HTML 255Page - Renesas Technology Corp UPD17062 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 298 page
background image
250
µPD17062
20.4.3
Carriage Return Data
The term carriage return data refers to the data pointing to the address of the VRAM data that specifies
the first character in a row on the screen.
The carriage return data specifies the end of a display row.
When carriage return data appears two times consecutively, it specifies the end of a screen.
There are two types of carriage return data; one type is a carriage return to BANK1, and the other is a carriage
return to BANK2. The data in the ID field determines whether the data field indicates a carriage return to BANK1
or BANK2. If the ID field contains 01B, it indicates a carriage return to BANK1, and if the ID field contains 11B,
it indicates a carriage return to BANK2.
The carriage return data consists of 6 bits, the upper 3 bits of which point to the row address of VRAM and
the lower 3 bits of which point to the upper 3 bits of the VRAM column address. The lowest bit of the VRAM
column address is fixed at 0. If the carriage return data is 010011B, therefore, the VRAM row address is 010B
(2H), and the VRAM column address is 0110B (6H); namely, they mean the return data to 26H.
Fig. 20-3
Carriage Return Data Configuration
b7
b6
b5
b4
b3
b2
b1
b0
ID field
Data field
VRAM row address
Upper 3 bits of the
VRAM column address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com