Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 279Page - Renesas Technology Corp UPD17062 Datasheet HTML 280Page - Renesas Technology Corp UPD17062 Datasheet HTML 281Page - Renesas Technology Corp UPD17062 Datasheet HTML 282Page - Renesas Technology Corp UPD17062 Datasheet HTML 283Page - Renesas Technology Corp UPD17062 Datasheet HTML 284Page - Renesas Technology Corp UPD17062 Datasheet HTML 285Page - Renesas Technology Corp UPD17062 Datasheet HTML 286Page - Renesas Technology Corp UPD17062 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 298 page
background image
281
µPD17062
22.4
BUILT-IN MACRO INSTRUCTIONS
The following macro instructions are built in the 17K series assembler (AS17K). For details, refer to the
assembler user’s guide.
Legend
flag n
: FLG-type symbol
< >
: An operand enclosed in < > is optional.
Mnemonic
Operand
Operation
n
Built-in
SKTn
flag 1, … flag n
if (flag 1) to (flag n) = all “1”, then skip
1
≤ n ≤ 4
SKFn
flag 1, … flag n
if (flag 1) to (flag n) = all “0”, then skip
1
≤ n ≤ 4
SETn
flag 1, … flag n
(flag 1) to (flag n)
← 11 ≤ n ≤ 4
CLRn
flag 1, … flag n
(flag 1) to (flag n)
← 01 ≤ n ≤ 4
NOTn
flag 1, … flag n
if (flag n) = “0”, then (flag n )
← 11 ≤ n ≤ 4
if (flag n) = “1”, then (flag n)
← 0
INITFLG
<NOT>flag 1,
if description = NOT flag n, then (flag n )
← 01 ≤ n ≤ 4
… <<NOT>flag n>
if description = flag n, then (flag n)
← 1
BANKn
(BANK)
← n0 ≤ n ≤ 2
macro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com