Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 29Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 30Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
2006-01-27
92FD54AI-33
TMP92FD54AI
Table 4.3.4 Boot program transfer format (for flash memory SUM)
Number of
bytes
transferred
Data transferred from the
controller to the device
Baud rate
Data transferred from the device to
the controller
BOOT ROM 1st byte
Serial operation mode and baud rate
settings
For UART
86H
Desired baud
rate (Table
4.3.1(a))
⎯
2nd byte
⎯
ACK response for Serial Operation Mode
For UART
If normal (can be set)
86H
(If the device determines that the baud
rate cannot be set, it will stop operating.)
3rd byte
Operation command data
(20H)
⎯
4th byte
⎯
ACK response for operation command *1
If normal
20H
If abnormal
X1H
If communication error occurs
X8H
5th byte
⎯
SUM (upper)
6th byte
⎯
SUM (lower)
7th byte
⎯
CHECKSUM value for bytes 5 to 6
8th byte
(Wait for the next operation command.)
⎯
*1: After returning an abnormal response the controller waits for the operation command (third byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com