Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP92FD54AI Datasheet(PDF) 60 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 60 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 58Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 59Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 60Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 61Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 62Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 63Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 64Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
92FD54AI-60
2006-01-27
TMP92FD54AI
10) Flash Status Register
This is an 8-bit register which serves purposes of a flash memory status
monitor.
Flash status register
7
6
5
4
3
2
1
0
Bit symbol
-
-
-
-
-
R/BSY
-
-
Read/Write
R/W
R/W
R/W
R/W
R
After reset
0
0
0
0
-
1
-
-
FLSR
(16EH)
Function
Set to 0.
Set to 0.
Set to 0.
Set to 0
.
Ready
/Busy flag
0:Busy
(auto
operation in
progress)
1:Ready
(auto
operation
finished)
Figure 4.4.3(1) Flash Status Register
Bit 2: Ready/Busy Flag bit
The device has a RDY/BSY output which enables the status of automatic operation
to be recognized by the host in Programmer Mode. This bit is used to monitor the
RDY/BSY output from the CPU. When automatic operation is being performed on
the flash memory, this bit outputs a 0, indicating that the flash memory is busy.
When automatic operation has finished, it will output 1 and the flash memory will
be ready to accept the next command. If automatic operation results in error, this
bit will continue to output 0. The bit is reset to 1 by a hardware reset.
The bit outputs 0 starting from completion of the last Bus Write cycle of the
automatic operation command sequence. For an Auto Block Erase, however, it
starts outputting 0 the Erase Hold time after the said cycle has ended. If this bit =
0, no command sequence input can be accepted.
11) FLASH Security Write Enable Register
This is an 8-bit register which allows to enable Auto Chip Erase & Unprotect
command.
FLASH Security Write Enable Resister
7
6
5
4
3
2
1
0
Bit symbol
-
-
-
-
-
-
-
-
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
FSWE
(16BH)
Function
C9H:Auto Chip Erase & Unprotect command Enable code
Others: Auto Chip Erase & Unprotect command Disable code
Figure 4.4.3(2) FLASH Security Write Enable Register
Pleas write it in the FSWE register when you execute the program with RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com